Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLAS191A Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Fiches technique(HTML) 29 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 25Page - Texas Instruments SLAS191A Datasheet HTML 26Page - Texas Instruments SLAS191A Datasheet HTML 27Page - Texas Instruments SLAS191A Datasheet HTML 28Page - Texas Instruments SLAS191A Datasheet HTML 29Page - Texas Instruments SLAS191A Datasheet HTML 30Page - Texas Instruments SLAS191A Datasheet HTML 31Page - Texas Instruments SLAS191A Datasheet HTML 32Page - Texas Instruments SLAS191A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
1–23
Enter The g-command to start the program
Press <ESC> to Interrupt the program
Enter the u-command to execute a user reset
Enter the s-command to set a breakpoint
Enter the address of the breakpoint
Enter the g-command to start the program
Automatic stop on breakpoint
Press the SPACE key to execute a single step
>downloaded _PC_ _SP_ _SR_
reg 000:
0240 03de 0008 0000 f48c 0010 0000 15de
reg 0008
0e62 404d 0000 ffd0 2153 0e14 28ad feff
>go
. .
>user break _PC_ _SP_ _SR_
reg 0000
0260 03de 0009 0000 f48c 0000 0000 15de
reg 0008
0e62 404d 0000 ffd0 2153 0e14 28ad 34af
>user reset _PC_ _SP_ _SR_
reg 0000
0240 03de 0008 0000 f48c 0000 0000 15de
reg 0008
0e62 404d 0000 ffd0 2153 0e14 28ad 34af
>set Bkpt 0000 0000 0264
>
>go_
>BP halted _PC_ _SP_ _SR_
reg 0000
0264 03de 000b 0000 f48c 0000 0000 15de
reg 0008
0e62 404d 0000 ffd0 2153 0e14 28ad 0000
>step
>>executed _PC_ _SP_ _SR_
reg 0000
026a 03de 0008 0000 f48c 0000 0000 15de
reg 0008
0e62 404d 0000 ffd0 2153 0e14 28ad 0000
>
Figure 1–19. Terminal Breakpoint
1.2.12
Accessing the Port on the MSP430x320 STK/EVK
Assemble and download the file gs_stk3.asm in the examples directory, as described previously.
Press the trigger button on the demo to start the program. Press the trigger button to toggle the display
between 0 and 1.
The following instructions are necessary:
;––– Init Port
BIC.B
#01h,P0DIR
; Set P0.0 as input
BIC.B
#01h,POIE
; Disable P0.0 interrupt
;––– Test of Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86