Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051R4 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F051R4
Description  Low- and medium-density advanced ARM??based 32-bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R4 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F051R4 Datasheet HTML 30Page - STMicroelectronics STM32F051R4 Datasheet HTML 31Page - STMicroelectronics STM32F051R4 Datasheet HTML 32Page - STMicroelectronics STM32F051R4 Datasheet HTML 33Page - STMicroelectronics STM32F051R4 Datasheet HTML 34Page - STMicroelectronics STM32F051R4 Datasheet HTML 35Page - STMicroelectronics STM32F051R4 Datasheet HTML 36Page - STMicroelectronics STM32F051R4 Datasheet HTML 37Page - STMicroelectronics STM32F051R4 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
Table 15.
Alternate functions selected through GPIOA_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
TSC_G3_IO2
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
TSC_G3_IO3
PB2
TSC_G3_IO4
PB3
SPI1_SCK / I2S1_CK
EVENTOUT
TIM2_CH2
TSC_G5_IO1
PB4
SPI1_MISO / I2S1_MCK
TIM3_CH1
EVENTOUT
TSC_G5_IO2
PB5
SPI1_MOSI / I2S1_SD
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
TSC_G5_IO3
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
TSC_G5_IO4
PB8
CEC
I2C1_SCL
TIM16_CH1
TSC_SYNC
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
PB10
CEC
I2C2_SCL
TIM2_CH3
TSC_SYNC
PB11
EVENTOUT
I2C2_SDA
TIM2_CH4
TSC_G6_IO1
PB12
SPI2_NSS
EVENTOUT
TIM1_BKIN
TSC_G6_IO2
PB13
SPI2_SCK
TIM1_CH1N
TSC_G6_IO3
PB14
SPI2_MISO
TIM15_CH1
TIM1_CH2N
TSC_G6_IO4
PB15
SPI2_MOSI
TIM15_CH2
TIM1_CH3N
TIM15_CH1N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More