Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051R4 Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce STM32F051R4
Description  Low- and medium-density advanced ARM??based 32-bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R4 Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button STM32F051R4 Datasheet HTML 64Page - STMicroelectronics STM32F051R4 Datasheet HTML 65Page - STMicroelectronics STM32F051R4 Datasheet HTML 66Page - STMicroelectronics STM32F051R4 Datasheet HTML 67Page - STMicroelectronics STM32F051R4 Datasheet HTML 68Page - STMicroelectronics STM32F051R4 Datasheet HTML 69Page - STMicroelectronics STM32F051R4 Datasheet HTML 70Page - STMicroelectronics STM32F051R4 Datasheet HTML 71Page - STMicroelectronics STM32F051R4 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
STM32F051x
Electrical characteristics
Doc ID 022265 Rev 3
69/105
6.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 50 are derived from tests
performed under the conditions summarized in Table 20. All I/Os are CMOS and TTL
compliant.
Table 50.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Standard I/O input low
level voltage
–0.3
-
0.3VDD+0.07
V
TTa I/O input low level
voltage
–0.3
-
0.3VDD+0.07
FT and FTf(1) I/O input
low level voltage
–0.3
-
0.475VDD–0.2
BOOT0 input low level
voltage
0
-
0.3VDD–0.3
VIH
Standard I/O input high
level voltage
0.445VDD+0.398
-
VDD+0.3
TTa I/O input high level
voltage
0.445VDD+0.398
-
VDD+0.3
FT and FTf(1) I/O input
high level voltage
0.5VDD+0.2
-
5.5
BOOT0 input high level
voltage
0.2VDD+0.95
-
5.5
Vhys
Standard I/O Schmitt
trigger voltage
hysteresis(2)
200
-
-
mV
TTa I/O Schmitt trigger
voltage hysteresis(2)
200
-
-
FT and FTf I/O Schmitt
trigger voltage
hysteresis(2)
100
-
-
BOOT0 input Schmitt
trigger voltage
hysteresis(2)
300
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More