| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F051R4 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051R4 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 104 page ![]() STM32F051x Pinouts and pin description Doc ID 022265 Rev 3 29/105 Table 13. Pin definitions Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions 1 1 - - VBAT S Backup power supply 22 - - PC13 I/O TC (1)(2) RTC_TAMP1, RTC_TS, RTC_OUT, WKUP2 33 - - PC14-OSC32_IN (PC14) I/O TC (1)(2) OSC32_IN 44 - - PC15- OSC32_OUT (PC15) I/O TC (1)(2) OSC32_OUT 5522 PF0-OSC_IN (PF0) I/O FT OSC_IN 6633 PF1-OSC_OUT (PF1) I/O FT OSC_OUT 7744 NRST I/O RST Device reset input / internal reset output (active low) 8 - - - PC0 I/O TTa EVENTOUT ADC_IN10 9 - - - PC1 I/O TTa EVENTOUT ADC_IN11 10 - - - PC2 I/O TTa EVENTOUT ADC_IN12 11 - - - PC3 I/O TTa EVENTOUT ADC_IN13 12 8 - 0 VSSA S Analog ground 13 9 5 5 VDDA S Analog power supply 14 10 6 6 PA0 I/O TTa USART2_CTS, TIM2_CH1_ETR, COMP1_OUT, TSC_G1_IO1 ADC_IN0, COMP1_INM6, RTC_TAMP2, WKUP1 15 11 7 7 PA1 I/O TTa USART2_RTS, TIM2_CH2, TSC_G1_IO2, EVENTOUT ADC_IN1, COMP1_INP 16 12 8 8 PA2 I/O TTa USART2_TX, TIM2_CH3, TIM15_CH1, COMP2_OUT, TSC_G1_IO3 ADC_IN2, COMP2_INM6 17 13 9 9 PA3 I/O TTa USART2_RX, TIM2_CH4, TIM15_CH2, TSC_G1_IO4 ADC_IN3, COMP2_INP 18 - - - PF4 I/O FT EVENTOUT 19 - - - PF5 I/O FT EVENTOUT |