Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC710 Fiches technique(PDF) 7 Page - SONiX Technology Company

No de pièce SNC710
Description  16-bit Voice Engine
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC710 Fiches technique(HTML) 7 Page - SONiX Technology Company

Back Button SNC710 Datasheet HTML 3Page - SONiX Technology Company SNC710 Datasheet HTML 4Page - SONiX Technology Company SNC710 Datasheet HTML 5Page - SONiX Technology Company SNC710 Datasheet HTML 6Page - SONiX Technology Company SNC710 Datasheet HTML 7Page - SONiX Technology Company SNC710 Datasheet HTML 8Page - SONiX Technology Company SNC710 Datasheet HTML 9Page - SONiX Technology Company SNC710 Datasheet HTML 10Page - SONiX Technology Company SNC710 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SNC710
16-bit Voice Engine
4.4 I/O Port
SNC710 provides one a 16-bit I/O port and an 8-bit input port for user application
(P0.0~P0.15, P1.0~P1.7). The input pull high resistor of each pin can be programmed
by Port Pull-High register. The direction of I/O port is selected by Port Direction
register. The Port0 (P0.0~P0.15) and Port1 (P1.0~P1.7) can wake the chip up from the
stop mode and watch mode. And P0.15 Modulated with a carry signal
Pull-Up
Resister
Latch
PAD
to internal bus
Pull-Up
Select
In/Out
Control
In/Out
Control
I/O Configuration of P0.0~P0.15
Digital In
Input Control
Pull-Up Select
PAD
Pull-Up
Resister
Input Port Configuration of Port 1 (P1.0~P1.7)
Ver. 1.3
April 3, 2003
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16