| Moteur de recherche de fiches techniques de composants électroniques |
|
SNC710 Fiches technique(PDF) 4 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC710 Fiches technique(HTML) 4 Page - SONiX Technology Company |
|
4 / 16 page ![]() SNC710 16-bit Voice Engine 3. PIN ASSIGNMENTS Symbol I/O Function Description P0.0~P0.15 I/O I/O Port 0 P1.0~P1.7 I Input Port 1 VDD I Positive power supply for digital I/O pad GND I Negative power supply for digital I/O pad &core CVDD I Positive power supply for DSP core & AD bus interface BP0 O PWM output 1 BN0 O PWM output 2 VO0 O DA0 converter output XIN/VR1 I High clock crystal input /RC oscillator input XOUT/VR2 I/O High clock crystal output/RC oscillator input LXIN I Low clock oscillator input LXOUT O Low clock oscillator output CKSEL I Crystal/RC oscillator system clock select ALECLK O System Clock output CEB O External ROM Enable , active low READY I/O Data Ready(I)/ Reset(O) CLKIN I Bus system clock in CEIN I External ROM enable in AD[0..7] I/O ROM Address/Data Bus (AD Bus) RST I Chip reset (active low) TestM I TEST pin EXTM I External ROM Share Mode Ver. 1.3 April 3, 2003 4 |