| Moteur de recherche de fiches techniques de composants électroniques |
|
SNC710 Fiches technique(PDF) 5 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC710 Fiches technique(HTML) 5 Page - SONiX Technology Company |
|
5 / 16 page ![]() SNC710 16-bit Voice Engine 4. SYSTEM DESCRIPTIONS 4.1 Connection Mask ROM #1 SNC710 BS0 BS1 BS2 BS3 BS4 Mask ROM #2 BS0 BS1 BS2 BS3 BS4 Figure-1 The SNC710 is a ROM-less DSP architecture, but it still built-in 32K hi-speed ROM for software voice synthesizer. All the user’s program and voice data are stored in external mask ROM that provided by SONiX. In Figure-1, show out the system connection between SNC710 and external mask ROM. Each mask ROM both has several bank select pins (BSn) to specify the memory region, and SNC710 allows user to connect totally 4 external mask ROMs. The SNC710 built-in an 8-bit AD (address/data) bus, which connect to SONiX’s mask ROM. And SONiX’s mask ROM provides encryption code function to protect user’s program to avoid illegal copy. In SONiX’s compiler system, user can assign his own ID-Code to protect his program and data. Ver. 1.3 April 3, 2003 5 |