| Moteur de recherche de fiches techniques de composants électroniques |
|
C6416 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 memory map summary Table 3 shows the memory map address ranges of the SMJ320C64x device. Internal memory is always located at address 0 and can be used as both program and data memory. The external memory address ranges in the C64x device begin at the hex address locations 0x6000 0000 for EMIFB and 0x8000 0000 for EMIFA. |