| Moteur de recherche de fiches techniques de composants électroniques |
|
C6416 Fiches technique(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 Fiches technique(HTML) 29 Page - Texas Instruments |
|
29 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 29 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 interrupt sources and interrupt selector (continued) Table 25. C64x DSP Interrupts CPU INTERRUPT NUMBER INTERRUPT SELECTOR CONTROL REGISTER SELECTOR VALUE (BINARY) INTERRUPT EVENT INTERRUPT SOURCE INT_00† − − RESET INT_01† − − NMI INT_02† − − Reserved Reserved. Do not use. INT_03† − − Reserved Reserved. Do not use. INT_04‡ MUXL[4:0] 00100 GPINT4/EXT_INT4 GPIO interrupt 4/External interrupt pin 4 INT_05‡ MUXL[9:5] 00101 GPINT5/EXT_INT5 GPIO interrupt 5/External interrupt pin 5 INT_06‡ MUXL[14:10] 00110 GPINT6/EXT_INT6 GPIO interrupt 6/External interrupt pin 6 INT_07‡ MUXL[20:16] 00111 GPINT7/EXT_INT7 GPIO interrupt 7/External interrupt pin 7 INT_08‡ MUXL[25:21] 01000 EDMA_INT EDMA channel (0 through 63) interrupt INT_09‡ MUXL[30:26] 01001 EMU_DTDMA EMU DTDMA INT_10‡ MUXH[4:0] 00011 SD_INTA EMIFA SDRAM timer interrupt INT_11‡ MUXH[9:5] 01010 EMU_RTDXRX EMU real-time data exchange (RTDX) receive INT_12‡ MUXH[14:10] 01011 EMU_RTDXTX EMU RTDX transmit INT_13‡ MUXH[20:16] 00000 DSP_INT HPI/PCI-to-DSP interrupt (PCI supported on C6415 and C6416 only) INT_14‡ MUXH[25:21] 00001 TINT0 Timer 0 interrupt INT_15‡ MUXH[30:26] 00010 TINT1 Timer 1 interrupt − − 01100 XINT0 McBSP0 transmit interrupt − − 01101 RINT0 McBSP0 receive interrupt − − 01110 XINT1 McBSP1 transmit interrupt − − 01111 RINT1 McBSP1 receive interrupt − − 10000 GPINT0 GPIO interrupt 0 − − 10001 XINT2 McBSP2 transmit interrupt − − 10010 RINT2 McBSP2 receive interrupt − − 10011 TINT2 Timer 2 interrupt − − 10100 SD_INTB EMIFB SDRAM timer interrupt − − 10101 Reserved Reserved. Do not use. − − 10110 Reserved Reserved. Do not use. − − 10111 UINT UTOPIA interrupt (C6415/C6416 only) − − 11000 − 11101 Reserved Reserved. Do not use. − − 11110 VCPINT VCP interrupt (C6416 only) − − 11111 TCPINT TCP interrupt (C6416 only) † Interrupts INT_00 through INT_03 are non-maskable and fixed. ‡ Interrupts INT_04 through INT_15 are programmable by modifying the binary selector values in the Interrupt Selector Control registers fields. Table 25 shows the default interrupt sources for Interrupts INT_04 through INT_15. For more detailed information on interrupt sources and selection, see the TMS320C6000 DSP Interrupt Selector Reference Guide (literature number SPRU646). |