| Moteur de recherche de fiches techniques de composants électroniques |
|
C6416 Fiches technique(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 Fiches technique(HTML) 81 Page - Texas Instruments |
|
81 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 81 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 INPUT AND OUTPUT CLOCKS (CONTINUED) switching characteristics over recommended operating conditions for CLKOUT4†‡§ (see Figure 17) NO. PARAMETER CLKMODE = x1, x6, x12 UNIT NO. PARAMETER MIN MAX UNIT 1 tJ(CKO4) Period jitter, CLKOUT4 0* ±175* ps 2 tw(CKO4H) Pulse duration, CLKOUT4 high 2P − 0.7* 2P + 0.7* ns 3 tw(CKO4L) Pulse duration, CLKOUT4 low 2P − 0.7* 2P + 0.7* ns 4 tt(CKO4) Transition time, CLKOUT4 1* ns *This parameter is not production tested. † The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. ‡ PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns. § P = 1/CPU clock frequency in nanoseconds (ns) Ideal Clock Period CLKOUT4 3 4 4 2 1 Figure 17. CLKOUT4 Timing switching characteristics over recommended operating conditions for CLKOUT6†‡§ (see Figure 18) NO. PARAMETER CLKMODE = x1, x6, x12 UNIT NO. PARAMETER MIN MAX UNIT 1 tJ(CKO6) Period jitter, CLKOUT6 0* ±175* ps 2 tw(CKO6H) Pulse duration, CLKOUT6 high 3P − 0.7* 3P + 0.7* ns 3 tw(CKO6L) Pulse duration, CLKOUT6 low 3P − 0.7* 3P + 0.7* ns 4 tt(CKO6) Transition time, CLKOUT6 1* ns *This parameter is not production tested. † The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. ‡ PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns. § P = 1/CPU clock frequency in nanoseconds (ns) Ideal Clock Period CLKOUT6 2 3 4 4 1 Figure 18. CLKOUT6 Timing |