| Moteur de recherche de fiches techniques de composants électroniques |
|
SCBU045 Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCBU045 Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 30 page ![]() www.ti.com CD TapedonFoamLabelUp Spacer BoxLid WafersMax25 WaferBox LabelonWaferBox BlueSilicaGel Anti-StaticMoistureBag Spacer CartonBox LabelonCartonBox 3.6 Packing for Sawn Wafers Packing for Sawn Wafers Figure 3-5. Packing of Wafers Packing in Multi Wafer Box Sawn wafers are mounted on foil and delivered on standard 8” disco wafer frame (see Figure 2-1 Wafer on FCC). A special plastic container is used to store up to 25 wafers in frames. This plastic container is packed in an antistatic moisture bag with silica gel and in a double layered carton box. Note: When the silica gel has changed the color to blue, it is an indication that moisture has entered the bag. 22 Shipping, Packing & Further Handling SCBU045 (11-09-21-065) – October 2007 Submit Documentation Feedback |