| Moteur de recherche de fiches techniques de composants électroniques |
|
SCBU045 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCBU045 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 30 page ![]() www.ti.com A D C B 3.5 Packing for Wafers Packing for Wafers Figure 3-4. Ink Dot Drawing Table 3-2. Ink Dot Placement No. Max Min Remark A 400 150 B 400 150 C 400 150 D 400 150 Ink 600 250 Size limit The wafers are packed for transportation to protect them against shock, static discharge and contamination in a wafer shipper box up to 25 wafers. This box is packed in an antistatic moisture bag with silica gel and in a double layered carton box. Note: When the silica gel has changed the color to blue, it is an indication that moisture has entered the bag. SCBU045 (11-09-21-065) – October 2007 Shipping, Packing & Further Handling 21 Submit Documentation Feedback |