| Moteur de recherche de fiches techniques de composants électroniques |
|
SCBU045 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCBU045 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 30 page ![]() www.ti.com 3.1 Lot Definition 3.2 Wafer identification Lot Definition A definite quantity of wafers from the same diffusion batch produced under presumed uniform conditions. Occasionally a lot equals 25 wafers. Each wafer is marked with laser marking to identify the wafer. The wafer map file is linked to the wafer identification. There are two marks on the wafer. The following figure shows the position of the wafer identification codes. The reference die is the black marked die in the corner at the right lower position of the wafer. Figure 3-1. Position of Wafer Identification Code 18 Shipping, Packing & Further Handling SCBU045 (11-09-21-065) – October 2007 Submit Documentation Feedback |