| Moteur de recherche de fiches techniques de composants électroniques |
|
DFN322 Fiches technique(PDF) 42 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 Fiches technique(HTML) 42 Page - Diodes Incorporated |
|
42 / 51 page ![]() AP02002 Rev. 60 42 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated Axial / Through-Hole Packages DO-35 Dim Min Max A 25.40 - B - 4.00 C - 0.60 D - 2.00 All Dimensions in mm DO-41 Plastic Dim Min Max A 25.40 - B 4.06 5.21 C 0.71 0.864 D 2.00 2.72 All Dimensions in mm DO-41 Glass Dim Min Max A 25.40 - B - 4.70 C - 0.863 D - 2.71 All Dimensions in mm DO-15 Dim Min Max A 25.40 - B 5.50 7.62 C 0.686 0.889 D 2.60 3.60 All Dimensions in mm DO-201 Dim Min Max A 25.40 - B 8.50 9.53 C 0.96 1.06 D 4.80 5.21 All Dimensions in mm DO-201AD Dim Min Max A 25.40 - B 7.20 9.50 C 1.20 1.30 D 4.80 5.30 All Dimensions in mm R-6 Dim Min Max A 25.40 - B 8.60 9.10 C 1.20 1.30 D 8.60 9.10 All Dimensions in mm T-1 Dim Min Max A 25.40 - B 2.60 3.20 C 0.53 0.64 D 2.20 2.60 All Dimensions in mm DF-M DF-M Dim Min Max A 7.40 7.90 B 6.20 6.50 C 0.22 0.30 D 1.27 2.03 E 7.60 8.90 G 3.81 4.69 H 8.13 8.51 J 2.40 3.40 K 5.00 5.20 L 0.46 0.58 All Dimensions in mm E H L K A D C G B J |