| Moteur de recherche de fiches techniques de composants électroniques |
|
DFN322 Fiches technique(PDF) 46 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 Fiches technique(HTML) 46 Page - Diodes Incorporated |
|
46 / 51 page ![]() AP02002 Rev. 60 46 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated KBP KBP Dim Min Max A 14.25 14.75 B 10.20 10.60 C 1.80 2.20 D 14.25 14.73 E 3.56 4.06 G 0.76 0.86 H 1.17 1.42 J 2.8 X 45 ° K 0.80 1.10 L 3.35 3.65 M 3 ° Typ N 2 ° Typ P 0.30 0.64 All Dimensions in mm MB MB-W MB Dim Min Max A 28.40 28.70 B 10.97 11.23 C 15.50 17.60 E 22.86 25.40 G 13.30 15.30 H Hole for #10 screw 4.85 ∅ 5.59 ∅ J 17.10 19.10 K 10.40 12.40 L 0.97 ∅ Typ 1.07∅ M 30.50 - N 10.97 11.23 All Dimensions in mm MB-W Dim Min Max A 28.40 28.70 B 10.97 11.23 C 15.50 17.60 E 22.86 25.40 G 13.30 15.30 H Hole for #10 screw 4.85 ∅ 5.59 ∅ J 17.10 19.10 K 10.40 12.40 L 0.97 ∅ Typ 1.07 ∅ M 30.50 - N 10.97 11.23 All Dimensions in mm PBPC-3 / PBPC-6 PBPC-8 PBPC-3 / PBPC-6 Dim Min Max A 14.73 15.75 B 5.84 6.86 C 19.00 - D 0.76 ∅ Typ E 1.70 3.20 G Hole for #6 screw 3.60 ∅ 4.00 ∅ H 10.30 11.30 All Dimensions in mm PBPC-8 Dim Min Max A 18.54 19.56 B 6.35 7.60 C 22.20 - D 1.27 ∅ Typ E 5.33 7.37 G 3.60 ∅ 4.00 ∅ H 12.70 Typ J 2.38 X 45 ° Typ All Dimensions in mm C E G H J K L M N P + _ A B D C A G E B H (AC) (AC) (+) ( - ) H J A C K A M N H H L J A J (AC) (AC) ( - ) ( + ) A E G H C B A E D AC AC + - A E G J H C B A E D AC AC + - |