| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8221 Fiches technique(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221 Fiches technique(HTML) 30 Page - ams AG |
|
30 / 42 page ![]() AS8221 Datasheet - Application In form atio n www.austriamicrosystems.com/flexray/AS8221 Revision 1.7 30 - 42 9.11 Test Circuits Figure 18. Test Circuit for Automotive Transients Figure 19. Test Circuit for Dynamic Characteristics AS8221 RxD BP BM RL CL 15pF VBAT VCC VIO 100nF +5V 10uF 14 19 4 7 18 17 1nF 1nF ISO 7637 PULSE GENERATOR ISO 7637 PULSE GENERATOR 12V or 42V Transients in accordance with ISO7637: test pulses 1, 2, 3a, 3b, 4, 5 Test conditions: Normal mode bus idle, Normal mode bus active (TXD=5 MHz, TXEN=1kHz) AS8221 RxD BP BM RL CL 15pF VBAT VCC VIO 100nF +5V +12V 10uF 14 19 4 7 18 17 |