| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8221 Fiches technique(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221 Fiches technique(HTML) 28 Page - ams AG |
|
28 / 42 page ![]() AS8221 Datasheet - Application In form atio n www.austriamicrosystems.com/flexray/AS8221 Revision 1.7 28 - 42 9.10.1 Bus Activity and Idle Detection (only in NORMAL and RECEIVE-ONLY mode) If the absolute differential bus voltage is higher than VBUSActiveLow and less than VBUSActiveHigh for a time longer than tBUSIdleDetection, bus Idle is detected, RxEN and RxD are switched to logical high after a time tBUSIdleReaction. If the absolute differential bus voltage is higher than VBUSActiveHigh or lower than VBUSActiveLow for a time loner than tBUSActivitiyDetection, bus Activity is detected, RxEN is switched to logical low and RxD shows the detected bus data according to Table 11 after the time tBUSActivityReaction. 9.10.2 Bus Data Detection (only in NORMAL and RECEIVE-ONLY mode) If, after activity detection the differential bus voltage is higher than VData1, RxD will be high after a time tBUS_RxD01. If, after activity detection the differential bus voltage is lower than VData0, RxD will be low after a time tBUS_RxD10. Figure 16. Receiver Characteristics (BUS RxD, RxEN) Table 11. Logic Table for Receiver Bus Signal Detection Receiver Operation Mode Bus Signals RxEN RxD Normal power modes (NORMAL and RECEIVE-ONLY mode) Idle H H Data0 L L Data1 L H VRxD VBUS VBUSActiveLow VData0 VBUSActiveHigh VData1 Data0 Activity Idle Data1 Activity VRxEN VBUS VBUS VBUS |