Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9621 Fiches technique(PDF) 57 Page - Davicom Semiconductor, Inc.

No de pièce DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAVICOM [Davicom Semiconductor, Inc.]
Site Internet  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Fiches technique(HTML) 57 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 61Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
57
Version: DM9621 -14-DS-P02
February 23, 2011
9. AC Timing waveform:
9.1 Power On Reset Timing
PWRST#
Strap pins
T4
T2
EECS
T5
T6
Power on
T1
T3
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1
Power on reset time
15
-
-
ms
-
T2
PWRST# Low Period
5
-
-
ms
T3
Strap pin setup time with PWRST#
40
-
-
ns
-
T4
Strap pin hold time with PWRST#
40
-
-
ns
-
T5
PWRST# high to EECS high
-
1
-
us
-
T6
PWRST# high to EECS burst end
-
--
1.85
ms
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66