| Moteur de recherche de fiches techniques de composants électroniques |
|
DM9621 Fiches technique(PDF) 41 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9621 Fiches technique(HTML) 41 Page - Davicom Semiconductor, Inc. |
|
41 / 66 page ![]() DM9621 USB2.0 to Fast Ethernet Controller Preliminary 41 Version: DM9621 -14-DS-P02 February 23, 2011 7.1.2.2 Memory Type Theses kind of commands are valid when the bit “MEM_MODE “ is set, otherwise device will respond with request error when receiving these commands. READ_MEMORY( ) Setup Stage BmReqType Breq Wvalue Windex wLength Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 C0H 02H 00H 00H MemOff[7:0] MemOff[15:8] BC[7:0] 00H WRITE_MEMORY( ) Setup Stage BmReqType BReq WValue Windex wLength Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 40H 05H 00H 00H MemOff[7:0] MemOff[15:8] BC[7:0] 00H WRITE1_MEMORY( ) Setup Stage BmReqType Breq WValue Windex wLength Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 40H 07H Data[7:0] 00H MemOff[7:0] MemOff[15:8] 0000H |