Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9557/PCBZ Fiches technique(PDF) 63 Page - Analog Devices

No de pièce AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Fiches technique(HTML) 63 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 59Page - Analog Devices AD9557/PCBZ Datasheet HTML 60Page - Analog Devices AD9557/PCBZ Datasheet HTML 61Page - Analog Devices AD9557/PCBZ Datasheet HTML 62Page - Analog Devices AD9557/PCBZ Datasheet HTML 63Page - Analog Devices AD9557/PCBZ Datasheet HTML 64Page - Analog Devices AD9557/PCBZ Datasheet HTML 65Page - Analog Devices AD9557/PCBZ Datasheet HTML 66Page - Analog Devices AD9557/PCBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 63 of 92
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Read-Only Status (Accessible During EEPROM Transactions)
0x0D00
R, L
EEPROM
Reserved
Pin
program
ROM load
process
Fault
detected
Load in
progress
Save in
progress
N/A
0x0D01
R, L
SYSCLK and
PLL status
Reserved
DPLL_APLL_
lock
All PLLs
locked
APLL VCO
status
APLL cal
in process
APLL lock
SYSCLK
stable
SYSCLK
lock detect
N/A
0x0D02
R, L
IRQ monitor
events
Reserved
SYSCLK
unlocked
SYSCLK
locked
APLL
unlocked
APLL lock
detected
APLL cal
ended
APLL cal
started
N/A
0x0D03
R, L
Reserved
Pin program
end
Output dist
sync
Watchdog
timer
EEPROM
fault
EEPROM
complete
N/A
0x0D04
R, L
Switching
Closed
Freerun
Holdover
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
N/A
0x0D05
R, L
Reserved
History
updated
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
N/A
0x0D06
R, L
Reserved
REFB
validated
REFB fault
cleared
REFB fault
Reserved
REFA
validated
REFA fault
cleared
REFA fault
N/A
0x0D07
R, L
Reserved
N/A
0x0D08
R
DPLL
Reserved
Offset slew
limiting
Frequency
lock
Phase lock
Loop
switching
Holdover
Active
Freerun
N/A
0x0D09
R
Reserved
Frequency
clamped
History
available
Active reference priority
Reserved
Current
active
reference
N/A
0x0D0A
R
Reserved
N/A
0x0D0B
R
REFA/REFB
B valid
B fault
B fast
B slow
A valid
A fault
A fast
A slow
N/A
0x0D0C
R
Reserved
N/A
0x0D0D
R
Holdover
history
Tuning word readback[31:0]
N/A
0x0D0E
R
N/A
0x0D0F
R
N/A
0x0D10
R
N/A
0x0D11
R
Lock
detector
phase tub
Phase tub [7:0]
N/A
0x0D12
R
Reserved
Phase tub[11:8]
N/A
0x0D13
R
Lock
detector
frequency
tub
Frequency tub[7:0]
N/A
0x0D14
R
Reserved
Frequency tub[11:8]
N/A
Nonvolatile Memory (EEPROM) Control
0x0E00
E
Write
protect
Reserved
Write
enable
00
0x0E01
E
Condition
Reserved
Conditional value[3:0]
00
0x0E02
A, E
Save
Reserved
Save to
EEPROM
00
0x0E03
A, E
Load
Reserved
Load from
EEPROM
Reserved
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92