Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9557/PCBZ Fiches technique(PDF) 34 Page - Analog Devices

No de pièce AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Fiches technique(HTML) 34 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 30Page - Analog Devices AD9557/PCBZ Datasheet HTML 31Page - Analog Devices AD9557/PCBZ Datasheet HTML 32Page - Analog Devices AD9557/PCBZ Datasheet HTML 33Page - Analog Devices AD9557/PCBZ Datasheet HTML 34Page - Analog Devices AD9557/PCBZ Datasheet HTML 35Page - Analog Devices AD9557/PCBZ Datasheet HTML 36Page - Analog Devices AD9557/PCBZ Datasheet HTML 37Page - Analog Devices AD9557/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 34 of 92
System Clock Stability Timer
Because the reference monitors depend on the system clock
being at a known frequency, it is important that the system
clock be stable before activating the monitors. At initial power-
up, the system clock status is not known, and, therefore, it is
reported as being unstable. After the part has been programmed,
the system clock PLL (if enabled) eventually locks.
When a stable operating condition is detected, a timer is run
for the duration that is stored in the system clock stability
period registers. If, at any time during this waiting period, the
condition is violated, the timer is reset and halted until a stable
condition is reestablished. After the specified period elapses,
the AD9557 reports the system clock as stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92