Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30E2 Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce 30E2
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

30E2 Fiches technique(HTML) 1 Page - Renesas Technology Corp

  30E2 Datasheet HTML 1Page - Renesas Technology Corp 30E2 Datasheet HTML 2Page - Renesas Technology Corp 30E2 Datasheet HTML 3Page - Renesas Technology Corp 30E2 Datasheet HTML 4Page - Renesas Technology Corp 30E2 Datasheet HTML 5Page - Renesas Technology Corp 30E2 Datasheet HTML 6Page - Renesas Technology Corp 30E2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0347EJ0200 Rev.2.00
Page 1 of 6
Apr 12, 2011
Preliminary Datasheet
RJP30E2DPP-M0
Silicon N Channel IGBT
High Speed Power Switching
Features
• Trench gate technology (G5H series)
• Low collector to emitter saturation voltage V
CE(sat) = 1.7 V typ
• High speed switching tf = 150 ns typ
• Low leak current I
CES = 1 μA max
• Isolated package TO-220FL
Outline
RENESAS Package code: PRSS0003AF-A)
(Package name: TO-220FL)
1
2
3
1. Gate
2. Collector
3. Emitter
C
G
E
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
360
V
Gate to emitter voltage
VGES
±30
V
Collector current
Ic
35
A
Collector peak current
ic(peak)
Note1
200
A
Collector dissipation
PC
Note2
25
W
Junction to case thermal impedance
θj-c
5
°C/ W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Tc = 25
°C
R07DS0347EJ0200
Rev.2.00
Apr 12, 2011


Numéro de pièce similaire - 30E2

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
30E-1C-15.5 LITTELFUSE-30E-1C-15.5 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
30E-1C-15.5 LITTELFUSE-30E-1C-15.5 Datasheet
346Kb / 12P
Medium Voltage Fuses
30E-1C-2.75 LITTELFUSE-30E-1C-2.75 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
30E-1C-2.75 LITTELFUSE-30E-1C-2.75 Datasheet
346Kb / 12P
Medium Voltage Fuses
30E-1C-25.8 LITTELFUSE-30E-1C-25.8 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
More results

Description similaire - 30E2

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJH60F4DPK RENESAS-RJH60F4DPK Datasheet
221Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP30H1DPD RENESAS-RJP30H1DPD Datasheet
157Kb / 7P
Silicon N Channel IGBT High speed power switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com