Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30E2 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 30E2
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

30E2 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  30E2 Datasheet HTML 1Page - Renesas Technology Corp 30E2 Datasheet HTML 2Page - Renesas Technology Corp 30E2 Datasheet HTML 3Page - Renesas Technology Corp 30E2 Datasheet HTML 4Page - Renesas Technology Corp 30E2 Datasheet HTML 5Page - Renesas Technology Corp 30E2 Datasheet HTML 6Page - Renesas Technology Corp 30E2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJP30E2DPP-M0
Preliminary
R07DS0347EJ0200 Rev.2.00
Page 4 of 6
Apr 12, 2011
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (3)
Switching Characteristics (Typical) (2)
10
100
1000
10000
0
20406080
100
Cies
Coes
Cres
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Colloctor to Emitter Voltage
Colloctor to Emitter Voltage VCE (V)
Colloctor Current IC (A)
Case Temperature Tc (°C)
400
300
200
100
0
0
16
12
8
4
0
10
20
30
40
50
IC = 35 A
VGE
VCE
VCE = 250 V
150 V
VCE = 250 V
150 V
VGE = 0 V
f = 1 MHz
Ta = 25°C
10
100
1000
1
10100
1
10100
td(on)
tf
tf
tr
tr
td(off)
td(on)
tf
tr
Colloctor Current IC (A)
Case Temperature Tc (°C)
10
100
1000
10
100
1000
0
255075
100
125
150
td(off)
td(on)
td(off)



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com