Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5125 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
3.2
Pin Muxing and Reset States
Table 2 provides the pinout listing for the MPC5125.
Table 2. MPC5125 Pin Multiplexing
Pin
Pad I/O
Control
Register1
and Offset2
Alternate
Function3
Functions4
Peripheral5
I/O
Direction
Power Domain
Notes
Pin
GPIO00
—
ALT0
ALT1
ALT2
ALT3
GPIO00
—
—
—
GPIO1
—
—
—
I
—
—
—
VBAT
Dedicated input can be used
to receive an external
wakeup.
B6
GPIO01
—
ALT0
ALT1
ALT2
ALT3
GPIO01
—
—
—
GPIO1
—
—
—
I
—
—
—
VBAT
Dedicated input can be used
to receive an external
wakeup.
A5
GPIO02
—
ALT0
ALT1
ALT2
ALT3
GPIO02
—
—
—
GPIO1
—
—
—
I
—
—
—
VBAT
Dedicated input can be used
to receive an external
wakeup.
A6
GPIO03
—
ALT0
ALT1
ALT2
ALT3
GPIO03
—
—
—
GPIO1
—
—
—
I
—
—
—
VBAT
Dedicated input can be used
to receive an external
wakeup.
C7
RTC_XTALI
—
ALT0
ALT1
ALT2
ALT3
RTC_XTALI
—
—
—
RTC
—
—
—
I
—
—
—
VBAT
—
A8
RTC_XTALO
—
ALT0
ALT1
ALT2
ALT3
RTC_XTALO
—
—
—
RTC
—
—
—
O
—
—
—
VBAT
—
A7
HIB_MODE
—ALT0
ALT1
ALT2
ALT3
HIB_MODE
—
—
—
RTC
—
—
—
O
—
—
—
VBAT
In Hibernation mode , this pin
provides a signal to shut down
an external power supply.
C8
Analog Visible Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94