Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5125 Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc

No de pièce MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
I2C2_SDA
0x4C
STD_PU_ST
ALT0
ALT1
ALT2
ALT3
I2C2_SDA
PSC9_4
USB2_STOP
GPIO46
I2C2
PSC9
USB2
GPIO2
I/O
I/O
O
I/O
VDD_IO
—
U4
I2C1_SCL
0x4F
STD_PU_ST
ALT0
ALT1
ALT2
ALT3
I2C1_SCL
PSC9_2
CAN3_RX
GPIO49
I2C1
PSC9
CAN3
GPIO2
I/O
I/O
I
I/O
VDD_IO
—
B18
I2C1_SDA
0x50
STD_PU_ST
ALT0
ALT1
ALT2
ALT3
I2C1_SDA
PSC9_3
CAN3_TX
GPIO50
I2C1
PSC9
CAN3
GPIO2
I/O
I/O
O
I/O
VDD_IO
—
A19
CAN1_RX
—
ALT0
ALT1
ALT2
ALT3
CAN1_RX
—
—
—
CAN1
—
—
—
I
—
—
—
VBAT
Dedicated input can be used
to receive an external
wakeup.
C9
CAN2_RX
—
ALT0
ALT1
ALT2
ALT3
CAN2_RX
—
—
—
CAN2
—
—
—
I
—
—
—
VBAT
Dedicated input can be used
to receive an external
wakeup.
B8
CAN1_TX
0x4D
STD_PU_ST
ALT0
ALT1
ALT2
ALT3
CAN1_TX
PSC9_0
I2C2_SCL
GPIO47
CAN1
PSC9
I2C2
GPIO2
O
I/O
I/O
I/O
VDD_IO
—
B15
CAN2_TX
0x4E
STD_PU_ST
ALT0
ALT1
ALT2
ALT3
CAN2_TX
PSC9_1
I2C2_SDA
GPIO48
CAN2
PSC9
I2C2
GPIO2
O
I/O
I/O
I/O
VDD_IO
—
A16
FEC1_TXD_2
0x51
STD_PU
ALT0
ALT1
ALT2
ALT3
FEC1_TXD_2
PSC2_0
USB2_DATA0
GPIO51
FEC1
PSC2
USB2
GPIO2
O
I/O
I/O
I/O
VDD_IO
—
AA1
Table 2. MPC5125 Pin Multiplexing (continued)
Pin
Pad I/O
Control
Register1
and Offset2
Alternate
Function3
Functions4
Peripheral5
I/O
Direction
Power Domain
Notes
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94