| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5125 Fiches technique(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5125 Fiches technique(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 94 page ![]() J1850_TX 0x80 STD_PU_ST ALT0 ALT1 ALT2 ALT3 J1850_TX — NFC_CE3 I2C1_SCL J1850 — NFC I2C1 O — O I/O VDD_IO — B5 J1850_RX 0x81 STD_PU_ST ALT0 ALT1 ALT2 ALT3 J1850_RX — NFC_R/B3 I2C1_SDA J1850 — NFC I2C1 I — I I/O VDD_IO — C6 JTAG TCK — ALT0 ALT1 ALT2 ALT3 TCK — — — JTAG — — — I — — — VDD_IO 5. This pin contains an enabled internal Schmitt trigger. C16 TDI — ALT0 ALT1 ALT2 ALT3 TDI — — — JTAG — — — I — — — VDD_IO 3. This JTAG pin has an internal pullup P-FET, and cannot be configured. C15 TDO — ALT0 ALT1 ALT2 ALT3 TDO — — — JTAG — — — O — — — VDD_IO — B16 TMS — ALT0 ALT1 ALT2 ALT3 TMS — — — JTAG — — — I — — — VDD_IO 3. This JTAG pin has an internal pullup P-FET, and cannot be configured. D15 TRST —ALT0 ALT1 ALT2 ALT3 TRST — — — JTAG — — — I — — — VDD_IO 3. This JTAG pin has an internal pullup P-FET, and cannot be configured. D16 System Control Table 2. MPC5125 Pin Multiplexing (continued) Pin Pad I/O Control Register1 and Offset2 Alternate Function3 Functions4 Peripheral5 I/O Direction Power Domain Notes Pin |