Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4 Fiches technique(PDF) 15 Page - ITT Industries

No de pièce DL4
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DL4 Fiches technique(HTML) 15 Page - ITT Industries

Back Button DL4 Datasheet HTML 11Page - ITT Industries DL4 Datasheet HTML 12Page - ITT Industries DL4 Datasheet HTML 13Page - ITT Industries DL4 Datasheet HTML 14Page - ITT Industries DL4 Datasheet HTML 15Page - ITT Industries DL4 Datasheet HTML 16Page - ITT Industries DL4 Datasheet HTML 17Page - ITT Industries DL4 Datasheet HTML 18Page - ITT Industries DL4 Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
14
ZIF Connectors
DL1
DL1 — Plastic Body — 156 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
110535-0000
DL1-156P
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
086-0030-000
DL1-156R
100,03 (3.938)
16,26 (.640)
108,00 (4.255)
92,26 (3.631)
4X Ø 3,03 (.119)
24,90 (.980)
7,92 (.312)
6,35
(.250)
23,10
(.910)
54,81
(2.158)
CAMSHAFT
TURNING DIRECTION
20,10
(.792)
92,10 (3.626)
100,03 (3.938)
16,26 (.640)
108,00 (4.255)
92,00 (3.622)
24,90 (.980)
4X Ø 3,03 (.119)
7,75 (.305)
6,35 (.250)
20,32 (.800)
20,10 (.792)
92,10 (3.626)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76