Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4 Fiches technique(PDF) 19 Page - ITT Industries

No de pièce DL4
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DL4 Fiches technique(HTML) 19 Page - ITT Industries

Back Button DL4 Datasheet HTML 15Page - ITT Industries DL4 Datasheet HTML 16Page - ITT Industries DL4 Datasheet HTML 17Page - ITT Industries DL4 Datasheet HTML 18Page - ITT Industries DL4 Datasheet HTML 19Page - ITT Industries DL4 Datasheet HTML 20Page - ITT Industries DL4 Datasheet HTML 21Page - ITT Industries DL4 Datasheet HTML 22Page - ITT Industries DL4 Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
18
ZIF Connectors
DLM1
DLM1 — Metal Body — 156 Pin Connectors — PC/RC Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 60.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0207
DLM1-156PC
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 60.
Part Number
Nomenclature
127050-0211
DLM1-156RC
108,00 (4.255)
92,00 (3.625)
2X Ø 2,30
(.091)
24,80 (.977)
100,03 (3.938)
16,26 (.640)
4X Ø 3,20
(.126)
7,92 (.312)
49,45
(1.948)
90,00
(3.546)
6,35
(.250)
27,75
(1.093)
Ø 0,50 (.020)
4,60 (.181)
20,10
(.792)
92,10 (3.629)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
CAMSHAFT
TURNING DIRECTION
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
108,00 (4.255)
92,00 (3.625)
2X Ø 2,30
(.091)
24,80 (.977)
100,03 (3.938)
16,26 (.640)
4X Ø 3,20
(.126)
7,75 (.305)
25,20
(.992)
6,35
(.250)
Ø 0,50 (.020)
4,60 (.181)
20,10
(.792)
92,10 (3.629)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76