| Moteur de recherche de fiches techniques de composants électroniques |
|
DL4 Fiches technique(PDF) 30 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DL4 Fiches technique(HTML) 30 Page - ITT Industries |
|
30 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 29 ZIF Connectors DL3 DL3 — Plastic Body — 60 Pin Connectors — Square Post Contacts Plug For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Order actuating handle kit separately, see page 47. Part Number Nomenclature A 110900-0006 DL3-60PW4 15,37 (.605) 110900-0013 DL3-60PW4A 15,37 (.605) 110900-0014 DL3-60PW6A 7,11 (.280) Receptacle For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Part Number Nomenclature A 110901-0004 DL3-60RW4 15,37 (.605) 110901-0009 DL3-60RW4B 15,37 (.605) 110901-0010 DL3-60RW6B 7,11 (.280) 11,89 (.468) 57,91 (2.280) 50,55 (1.992) 4X Ø 3,03 (.119) 65,80 (2.592) 24,90 (.981) 7,92 (.312) 6,35 (.250) 0,64 (.025) A 27,75 (1.093) 34,54 (1.360) CAMSHAFT TURNING DIRECTION 4 SPACES @ 2,54 (.100) = 10,16 (.400) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 49,02 (1.931) 19,94 (.785) 24,90 (.981) 11,89 (.468) 57,91 (2.280) 50,50 (1.988) 4X Ø 3,03 (.119) 65,80 (2.592) 0,64 (.025) A 24,97 (.983) 7,75 (.305) 6,35 (.250) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 19,94 (.785) 49,02 (1.931) |