| Moteur de recherche de fiches techniques de composants électroniques |
|
DLM Fiches technique(PDF) 63 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLM Fiches technique(HTML) 63 Page - ITT Industries |
|
63 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 62 Notes: Contact hole cavity identification shown is typical as viewed from top surface of P.C. board. All plug layout dimensions not shown are similar to the receptacle dimensions. Plated through (THRU) hole diameters shown are for 0,64 (.025) post contacts. PC/RC contact plated through (THRU) hole diameters are 0,79-0,64 (.031-.025). For PCB pad layout configuration, see page 64. A 2.54 (.100) B SYMM CL 12 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 30,48 (1.200) 3 260X Ø Ø 0,13 (.005) A B PLATED THRU HOLE 4X Ø Ø 0,25 (.010) A B THRU HOLE 12 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE SYMM C L 26,01 (1.024) 10 4 1 2,54 (.100) P R S T U V W X Y Z a b c 8 3 2 9 A B C D E F G H J K L M N 9 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 30,48 (1.200) 7 1 6 5 22,86 (.900) 2,54 (.100) 100,02 (3.938) 16,51 (.650) 3,43-3,18 (.135-.125) 1,09-0,94 (.043-.037) Plug Plug Ø 9.52 (.375) MIN THRU HOLE 1 5 4 F G H J K 62 3 SYMM L C C L SYMM A B C D E 57,91 (2.280) 4 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 11,89 (.468) 10,16 (.400) 2,54 (.100) 4 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 60X Ø 5 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE THRU HOLE Ø 0,25 (.010) A B PLATED THRU HOLE 1,09-0,94 (.043-.037) 12,70 (.500) 2,54 (.100) Ø 0,13 (.005) A B 16,51 (.650) A 10,16 (.400) 6 F G H J K 2 4 3 5 A B C D E CL SYMM CL SYMM 2,54 (.100) 3,30-3,05 (.130-.120) 4X Ø 1 B 1 3 A B C D E F G H J K L M N Ø 9,52 (.375) MIN THRU HOLE 8 6 CL 1 3 2 4 5 SYMM P R S T U V W X Y Z a b c 10 9 7 CL SYMM ZIF Connectors DL/DLM DL3/DLM3/DL5/DLM5 Printed Circuit Board Hole Patterns DL3-60/DLM3-60 Receptacle DL5-260/DLM5-260 Receptacle |