Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLM Fiches technique(PDF) 39 Page - ITT Industries

No de pièce DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Fiches technique(HTML) 39 Page - ITT Industries

Back Button DLM Datasheet HTML 35Page - ITT Industries DLM Datasheet HTML 36Page - ITT Industries DLM Datasheet HTML 37Page - ITT Industries DLM Datasheet HTML 38Page - ITT Industries DLM Datasheet HTML 39Page - ITT Industries DLM Datasheet HTML 40Page - ITT Industries DLM Datasheet HTML 41Page - ITT Industries DLM Datasheet HTML 42Page - ITT Industries DLM Datasheet HTML 43Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
38
ZIF Connectors
DLM5
DLM5 — Metal Body — 260 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
A
112086-0002
DLM5-260PW4A
15,37 (.605)
112086-0000
DLM5-260PW6A
7,11 (.280)
112086-0003
DLM112086-3
3,18 (.125)
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
112087-0001
DLM5-260RW4B
15,37 (.605)
112087-0000
DLM5-260RW6B
7,11 (.280)
112087-0003
DLM112087-3
3,18 (.125)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76