Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLM Fiches technique(PDF) 18 Page - ITT Industries

No de pièce DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Fiches technique(HTML) 18 Page - ITT Industries

Back Button DLM Datasheet HTML 14Page - ITT Industries DLM Datasheet HTML 15Page - ITT Industries DLM Datasheet HTML 16Page - ITT Industries DLM Datasheet HTML 17Page - ITT Industries DLM Datasheet HTML 18Page - ITT Industries DLM Datasheet HTML 19Page - ITT Industries DLM Datasheet HTML 20Page - ITT Industries DLM Datasheet HTML 21Page - ITT Industries DLM Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
17
ZIF Connectors
DLM1
DLM1 — Metal Body — 156 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 60.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
A
112134-0001
DLM1-156PW4A
15,37 (.605)
112134-0000
DLM1-156PW6A
7,11 (.280)
112134-0002
DLM112134-2
3,18 (.125)
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 60.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
112135-0001
DLM1-156RW4B
15,37 (.605)
112135-0000
DLM1-156RW6B
7,11 (.280)
112135-0002
DLM112135-2
3,18 (.125)
108,00 (4.255)
92,00 (3.625)
2X Ø 2,30
(.091)
24,80 (.977)
16,26 (.640)
100,03 (3.938)
4X Ø 3,20
(.126)
92,10 (3.629)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
20,10
(.792)
CAMSHAFT
TURNING DIRECTION
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
108,00 (4.255)
92,00 (3.625)
2X Ø 2,30
(.091)
24,80 (.977)
16,26 (.640)
100,03 (3.938)
4X Ø 3,20
(.126)
7,75 (.305)
25,20
(.992)
6,35
(.250)
0,64 (.025)
A
20,10
(.792)
92,10 (3.629)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76