| Moteur de recherche de fiches techniques de composants électroniques |
|
SMT80C2 Fiches technique(PDF) 2 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
SMT80C2 Fiches technique(HTML) 2 Page - Emerson Network Power |
|
2 / 20 page ![]() Electrical Description TheSIL/SMT80C2isimplementedusingamulti-phasesynchronousbucktopology.Ablockdiagramof theconverterisshowninFigure1. Theoutputisadjustableoverarangeof 0.8375-5.1Vbyusingaresistorfromthetrimpin to-trimpin,orbydrivingtheTRIMpinwitha voltage. Theconvertercanbeshutdownviatheenable pin.Thisinputisrunwithpositivelogicthatis compatiblewithpopularlogicdevices.Positive logicimpliesthattheconverterisenabledifthe inputishigh(orfloating),anddisabledifitislow. Outputismonitoredforovercurrentandshort- circuitconditions.WhenthePWMcontroller detectsanovercurrentcondition,itforcesthe moduleintohiccupmode. AtypicalapplicationisshowninFigure2. Wide Operating Temperature Range TheSIL/SMT80C2'sabilitytoaccommodateawide rangeofambienttemperaturesistheresultofits extremelyhighpowerconversionefficiencyand resultantlowpowerdissipation,combinedwiththe excellentthermalperformanceofthePCBsubstrate. Maximumoutputpowerthatthemodulecandeliver dependsonanumberofparameters,primarily: • Input voltage range • Outputloadcurrent • Air velocity (forced or natural convection) • MountingorientationoftargetapplicationPCB,i.e.,vertical/horizontalmount,ormechanicallytied down (especially important in natural convection conditions). • TargetapplicationPCBdesign,especiallygroundplanes.Thesecanbeeffectiveheatsinksforthecon- verter. TheSIL/SMT80C2modulehasanoperatingtemperaturerangeof0°Cto85°Cwithsuitablederatingand/ or forced air cooling. Ilimit Lout V out GND Remote ON/OFF PWRGD Trim Vout Vin Phase 1 Phase 2 Upper G/Drive Upper G/Drive Lower G/Drive Lower G/Drive 1 ∩∩∩ ∩∩∩ Lout2 Phase 3 Upper G/Drive Lower G/Drive ∩∩∩ Lout3 Phase 4 Upper G/Drive Lower G/Drive ∩∩∩ Lout4 SIL80C2 Rev. 04.25.11 SIL/SMT80C2 2 of 20 Embedded Power for Business-Critical Continuity Technical Reference Note General Description Figure1-ElectricalBlockDiagram Figure 2 - Standard Application Drawing 5 12-14 9 15,16,18, 20,22,24 10 SIL80C2 Enable On/Off Vin GND Rtrim Cin R L O A D Vout Cout 1 11 +Sense -Sense Ruvlo Ishare 6 4 Power Good GND 3,7,8,17, 19,21,23 |