Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMT80C2 Fiches technique(PDF) 16 Page - Emerson Network Power

No de pièce SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Fiches technique(HTML) 16 Page - Emerson Network Power

Back Button SMT80C2 Datasheet HTML 12Page - Emerson Network Power SMT80C2 Datasheet HTML 13Page - Emerson Network Power SMT80C2 Datasheet HTML 14Page - Emerson Network Power SMT80C2 Datasheet HTML 15Page - Emerson Network Power SMT80C2 Datasheet HTML 16Page - Emerson Network Power SMT80C2 Datasheet HTML 17Page - Emerson Network Power SMT80C2 Datasheet HTML 18Page - Emerson Network Power SMT80C2 Datasheet HTML 19Page - Emerson Network Power SMT80C2 Datasheet HTML 20Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. 04.25.11
SIL/SMT80C2
16 of 20
Embedded Power for
Business-Critical Continuity
Technical Reference Note
MechanicalDrawings
SIL80C-00SADJ-VJ
Footprint
2.54
21 PLACES
1.27
.050
.100
TYP
2.300 58.42
.050
TYP
1.27
APPLY LIQUI-BOND BETWEEN HEATSINK
AND PCB. ADJUST APPLICATION STENCIL TO
KEEP EXCESS LIQUI-BOND TO A MINIMUM
D
C
B
A
A
B
C
D
SCALE: 3 = 2
SIZE
CAD FILE:
DWG. NO.
B
SHEET 1 OF 2
TLA DRAWING
APPROVALS
DRAWN
ENGINEER
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCES:
2 PLACE
3 PLACE
ANGLES
.03
MATERIAL
FINISH
-
-
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
ARTESYN TECHNOLOGIES
EDEN PRAIRIE, MN 55433
PH. 952-941-1100
REV.
PROJECT USED ON:
7091259-0000
TITLE:
A
UPPERCUT 80
THIRD
ANGLE
PROJECTION
DATE
.015
1
HOLE TOLERANCE: .005
M. HENNIES
M. HENNIES
20JUN06
20JUN06
DETACHED LIST
7001259-J000
NOTE:
1. 9300161-0000 PACKAGING AND MATERIAL HANDLING PROCEDURE.
2. COSMETIC AND WORKMANSHIP PER 9300152-0000.
3. LABELS SHOWN FOR PLACEMENT REFERENCE ONLY.
.040 1.02
58.93
2.320
1.160 29.46
31.75
1.250
60.96
2.400
.050
TYP
1.27
(23X)
±.002 0.64
SQ PINS
17.53 MAX
.690
1.57
.062
REF
2.79
.110
REF
±0.05
REF .025
.140
TYP
3.56
PART NUMBER
REV
DESCRIPTION
DRAFT
DATE
7091259-0000
A
RELEASE TO PRODUCTION
M. HENNIES
03/08/07
REVISION RECORD
Pin 1
0
0
3.30
.130
4.88
.192
.242 6.15
.730 18.54
FOOTPRINT
KEEP OUT AREA
PCB OUTLINE
THROUGH HOLE
.040" DIA (23X)
Ø 0.45 ±.003
[1.14 ±0.08]
23x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20