Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMT80C2 Fiches technique(PDF) 17 Page - Emerson Network Power

No de pièce SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Fiches technique(HTML) 17 Page - Emerson Network Power

Back Button SMT80C2 Datasheet HTML 12Page - Emerson Network Power SMT80C2 Datasheet HTML 13Page - Emerson Network Power SMT80C2 Datasheet HTML 14Page - Emerson Network Power SMT80C2 Datasheet HTML 15Page - Emerson Network Power SMT80C2 Datasheet HTML 16Page - Emerson Network Power SMT80C2 Datasheet HTML 17Page - Emerson Network Power SMT80C2 Datasheet HTML 18Page - Emerson Network Power SMT80C2 Datasheet HTML 19Page - Emerson Network Power SMT80C2 Datasheet HTML 20Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Rev. 04.25.11
SIL/SMT80C2
17 of 20
Embedded Power for
Business-Critical Continuity
Technical Reference Note
MechanicalDrawings
SIL/SMT80C2-00SADJ-HJ/H3J
Footprint
0
0
0.51
.020
1.78
.070
31.24
1.230
1.270 32.26
1.290 32.77
FOOTPRINT
THROUGH HOLE
.040" DIA (25X)
KEEP OUT AREA
PCB OUTLINE
D
C
B
A
A
B
C
D
SIZE
DWG. NO.
B
SHEET 2 OF 2
FOOTPRINT
1
2
3
4
5
6
7
8
8
7
6
5
4
32
1
REV.
TITLE:
7091259-0100
A
Ø 0.45 ±.003
[1.14 ±0.08]
25X
.050 1.27
1.160
2X
29.46
58.42
2.300
.040 1.02
2.320 58.93
.100
TYP
2.54
21 PLACES
22JUN06
DETACHED LIST
7001259-J100
D
C
B
A
A
B
C
D
SCALE: 3 = 2
SIZE
CAD FILE:
DWG. NO.
B
SHEET 1 OF 1
TLA DRAWING
APPROVALS
DRAWN
ENGINEER
UNLESS OTHERWISE SPECIFIED
THIRD
DIMENSIONS ARE IN INCHES
TOLERANCES:
2 PLACE
3 PLACE
ANGLES
.03
MATERIAL
FINISH
-
-
1
2
3
4
5
6
7
8
8
7
6
5
4
3
PH. 952-941-1100
REV.
PROJECT USED ON:
7091259-0100
TITLE:
HOLE TOLERANCE:
2
1
ARTESYN TECHNOLOGIES
EDEN PRAIRIE, MN 55433
PROJECTION
A
UPPERCUT 80
ANGLE
DATE
.015
1
.005
M. HENNIES
M. HENNIES
22JUN06
NOTE:
1. 9300161-0000 PACKAGING AND MATERIAL HANDLING PROCEDURE.
2. COSMETIC AND WORKMANSHIP PER 9300152-0000.
3. LABELS SHOWN FOR PLACEMENT REFERENCE ONLY.
2.400 60.96
31.75
1.250
.050
TYP
1.27
(23X)
APPLY LIQUI-BOND BETWEEN HEATSINK
AND PCB. ADJUST APPLICATION STENCIL TO
KEEP EXCESS LIQUI-BOND TO A MINIMUM
2.79
REF
.110
.125
REF
3.18 TYP
18.03 MAX
.062
MAX
1.57
.710
REF .120 3.05
PART NUMBER
REV
DESCRIPTION
DRAFT
DATE
7091259-0100
A
RELEASE TO PRODUCTION
M. HENNIES
03/06/07
Pin 1
Model
L Dimension
SIL80C2-00SADJ
REF .120 [3.05]
SIL80C2-00SADJ-H3J
REF .138 [3.50]
L - See Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20