Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMT103 Fiches technique(PDF) 1 Page - CUI INC

No de pièce AMT103
Description  INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

AMT103 Fiches technique(HTML) 1 Page - CUI INC

  AMT103 Datasheet HTML 1Page - CUI INC AMT103 Datasheet HTML 2Page - CUI INC AMT103 Datasheet HTML 3Page - CUI INC AMT103 Datasheet HTML 4Page - CUI INC AMT103 Datasheet HTML 5Page - CUI INC AMT103 Datasheet HTML 6Page - CUI INC AMT103 Datasheet HTML 7Page - CUI INC AMT103 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
date
page
11/2010
1 of 8
SERIES:
DESCRIPTION: INCREMENTAL ENCODER
AMT10X
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
ELECTRICAL SPECIFICATIONS
output phase difference
90° (A ch leads B ch in CW direction viewed from front)
output current
5 mA max.
output waveform
TTL voltage square wave
output signals
A, B, Z1 phase (A, B, C line driver available with CUI-10XE-10)
current consumption
6 mA typ., 10 mA max.
supply voltage
3.6 ~ 5.5 V dc
output resolution (ppr)2
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500, 512, 800, 1000,
1024, 2048
frequency response
250 kHz max.
accuracy3
±15 arcmin (at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr)
±30 arcmin (at 96, 200, 250, 512 ppr)
±60 arcmin (at 48, 100, 125, 256 ppr)
max. rotational speed
7500 rpm (at 2048, 1000, 800, 384 ppr)
15000 rpm (at 1024, 500, 400, 192 ppr)
30000 rpm (at 48, 96, 100, 125, 200, 250, 256, 512 ppr)
MECHANICAL SPECIFICATIONS
mounting hole options
A) 2 each M1.6 holes on 16 mm (0.63”) bolt circle
B) 2 each #4 holes on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 holes on 20 mm (0.787”) bolt circle
D) 3 each M1.6 or M2 holes on 20.9 mm (0.823”) bolt circle
E) 3 each M1.6 or M2 holes on 22 mm (0.866”) bolt circle
F) 4 each M1.6 or M2 holes on 25.4 mm (1”) bolt circle
G) 2 each #4 holes on 15.75 mm (0.62”) x 20.96 (0.825”) hole layout*
H) 2 each #4 holes on 32.43 mm (1.277”) bolt circle*
I) 2 each #4 holes on 46.03 mm (1.812”) bolt circle*
weight
AMT102
AMT103
20.5 g
14.0 g
vibration proof
50 m/s2, 10 ~ 200 Hz, 2 hours each on XYZ
shock resistance
147 m/s2, 11 ms, 2 hours each on XYZ
1. Some stepper motors may leak a magnetic field causing the AMT index pulse to not function properly.
2. All resolutions stated are before quadrature decoding. (example: 1000 ppr x 4 = 4000 counts)
3. Based on full production testing standards and includes all electronic and mechanical based errors, not a computed estimate.
FEATURES
•patented capacitive technology
•16 dip switch programmable resolutions
•straight (radial) and right-angle (axial) versions
•9 different mounting hole options for AMT102
•6 different mounting hole options for AMT103
•low power consumption
•line driver output available (CUI-10XE-10)
•-40°C to 100°C operating temperature
•TTL voltage output
•modular package


Numéro de pièce similaire - AMT103

FabricantNo de pièceFiches techniqueDescription
logo
CUI Devices
AMT103-2048-N4000-S CUID-AMT103-2048-N4000-S Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT103-D0048-I2000-S CUI-AMT103-D0048-I2000-S Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
logo
CUI Devices
AMT103-D0048-I2000-S CUID-AMT103-D0048-I2000-S Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT103-D0048-I2000-S SAMESKY-AMT103-D0048-I2000-S Datasheet
847Kb / 8P
MODULAR INCREMENTAL ENCODER
09/12/2024
logo
CUI INC
AMT103-D0048-I2000-W CUI-AMT103-D0048-I2000-W Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
More results

Description similaire - AMT103

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com