Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMT103 Fiches technique(PDF) 6 Page - CUI INC

No de pièce AMT103
Description  INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

AMT103 Fiches technique(HTML) 6 Page - CUI INC

  AMT103 Datasheet HTML 1Page - CUI INC AMT103 Datasheet HTML 2Page - CUI INC AMT103 Datasheet HTML 3Page - CUI INC AMT103 Datasheet HTML 4Page - CUI INC AMT103 Datasheet HTML 5Page - CUI INC AMT103 Datasheet HTML 6Page - CUI INC AMT103 Datasheet HTML 7Page - CUI INC AMT103 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
20.90 0.823
22.00 0.866
R1.05 0.041
.28 0.011
25.40 1.000
19.05 0.750
0.488
12.40
(4 PLCS)
0.079
1.70 0.067
(2 PLCS)
2.95 0.116
(2 PLCS)
20.00 0.787
2.00
16.00 0.630
15.34 0.604
A (3 PLCS)
DETAIL A
SCALE 4 : 1
SPECIFIED
TOLERANCE:
±0.05mm UNLESS OTHERWISE
D
SCALE:
AMT103 DIMENSION DRAWING
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
AMT103
AMT103-dim-REV-D
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
2:1
REV:
0.488
15.30 0.602
0.269
1.126
28.60
12.39
6.83
R15.50 0.610
9.00 0.354
1.347
34.21
11.50 0.453



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com