Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMT103 Fiches technique(PDF) 4 Page - CUI INC

No de pièce AMT103
Description  INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

AMT103 Fiches technique(HTML) 4 Page - CUI INC

  AMT103 Datasheet HTML 1Page - CUI INC AMT103 Datasheet HTML 2Page - CUI INC AMT103 Datasheet HTML 3Page - CUI INC AMT103 Datasheet HTML 4Page - CUI INC AMT103 Datasheet HTML 5Page - CUI INC AMT103 Datasheet HTML 6Page - CUI INC AMT103 Datasheet HTML 7Page - CUI INC AMT103 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
SLEEVES
103
BASE
ADAPTER
SHAFT
and 16 Resolution Dip Switch.
Shaft Adapter, Base, Top Cover, Tool A, Tool B, Index Pulse,
TOOL A
TOP COVER
TOOL B
AMT103-V comes with all items shown: all Sleeve sizes,
103
E
SCALE:
AMT103-V
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
DESCRIPTION
AMT103-V-REV-E
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
N/A
AMT103-V
REV:
PIN-OUT
PIN
B
5V
X
A
G
B CHANNEL
A CHANNEL
+5VDC POWER
GROUND
INDEX OUPUT
MATING CONNECTOR
AMP 3-640440-5
CABLES AVAILABLE
(SOLD SEPERATELY)
ASSEMBLY



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com