Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSA0M511 Fiches technique(PDF) 8 Page - C&K Components

No de pièce KSA0M511
Description  Low-profile Tact Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSA0M511 Fiches technique(HTML) 8 Page - C&K Components

Back Button KSA0M511 Datasheet HTML 4Page - C&K Components KSA0M511 Datasheet HTML 5Page - C&K Components KSA0M511 Datasheet HTML 6Page - C&K Components KSA0M511 Datasheet HTML 7Page - C&K Components KSA0M511 Datasheet HTML 8Page - C&K Components KSA0M511 Datasheet HTML 9Page - C&K Components KSA0M511 Datasheet HTML 10Page - C&K Components KSA0M511 Datasheet HTML 11Page - C&K Components KSA0M511 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
B–60
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
Typical Applications
• Automotive
• Industrial
• Telecommunication networks
• Household appliances
• Heating control systems
KSA & KSL MKII Series
High Performance Sealed Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local represenative.
Ground Terminal
0 Without
Insertion
M Manual (bulk packaging)
A Automatic (tube packaging)
K
S
Contact Material
1 Silver contacts
3 Gold contacts
Type
A Short hard plastic
L Long hard plastic
Operation Force
2 1.3 N (130 grams), 100,000 operations
3 1.3 N (130 grams), 1,000,000 operations
4 3 N (300 grams), 100,000 operations
5 5 N (500 grams), 100,000 operations
9 3 N (300 grams), 500,000 operations
Sealing
2 High sealing performance
Specification
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
SEALING: IP67
Double overmold on terminals
Mechanical
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH: 300 Vrms
CONTACT RESISTANCE: < 100m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
–40˚C to 85˚C
–40˚C to 125˚C
STORAGE TEMPERATURE:
–40˚C to 85˚C
–55˚C to 125˚C
Process
Wave soldering compatible with lead free soldering profile.
Packaging
Can be delivered in tubes of 65 pieces for automatic insertion or in
boxes of 500 pieces for manual insertion (250 pieces for KSL)
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Other versions in terms of force, termination length and corrosion protection available.
Please contact your sales representative.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
Actuation force
Operating life
Travel to
Type
N (grams)
(operations)
make
KSA0M212
1,0 - 1,65
100,000
0,5 ± 0,15
KSA0M312
1,0 - 1,65
1,000,000
0,5 ± 0,15
KSA0M412
2,75 - 3,75
100,000
0,6 ± 0,25
KSA0M512
3,75 - 6,25
100,000
0,7 ± 0,25
Features/Benefits
• Highest tact switch sealing performance
• Improved sealing through a modification
of the crimping technique and to a
double overmolding of the terminal
• Totally sealed
• Up to 1M operations
• RoHS compliant and compatible
L
F
T
RoHS compliant and compatible.
Tin plated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com