Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSA0M511 Fiches technique(PDF) 10 Page - C&K Components

No de pièce KSA0M511
Description  Low-profile Tact Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSA0M511 Fiches technique(HTML) 10 Page - C&K Components

Back Button KSA0M511 Datasheet HTML 6Page - C&K Components KSA0M511 Datasheet HTML 7Page - C&K Components KSA0M511 Datasheet HTML 8Page - C&K Components KSA0M511 Datasheet HTML 9Page - C&K Components KSA0M511 Datasheet HTML 10Page - C&K Components KSA0M511 Datasheet HTML 11Page - C&K Components KSA0M511 Datasheet HTML 12Page - C&K Components KSA0M511 Datasheet HTML 13Page - C&K Components KSA0M511 Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
B–62
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KSI Series
Sealed Tact Switches
Features/Benefits
• Long and soft actuator
• Distinctive tactile feel
• 1.1 & 3 N actuation force
• Ground terminal optional
• RoHS compliant and compatible
Typical Applications
• Automotive
• Automation
• Door entry systems
• Remote controls
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed in the table above, please consult your local represenative.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
DISTANCE BETWEEN BUTTON CENTERS (min.): 7.62 (0.300)
TERMINALS: PC pins
Ground Terminal
0 Without
1 With*
Insertion
M Manual
V Vertical*
K
S
I
Contact Material
1 Silver contacts
3 Gold contacts
Operation Force
0 1.1 N (110 grams)
2 2 N (200 grams)
4 3 N (300 grams)
Sealing
1 Sealed IP 60
Mechanical
Packaging
Delivered in boxes of 500 pieces (M version) or 250 pieces (V version).
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
Actuation force
Operating life
Travel to
Type
N
(operations)
make
KSI0M411
2.25 - 4.0
100,000
1,1 ± 0,2
KSI0V211
1.5 - 2.5
100,000
0,7 ± 0,2
KSI0V411
2.25 - 4.0
100,000
1,1 ± 0,2
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 300 Vrms
CONTACT RESISTANCE: < 50 m
Ω
INSULATION RESISTANCE (100V): > 1011
Ω
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 90˚C
-55˚C to 125˚C
Process
Wave soldering, compatible with lead free soldering profile.
Durometer for silicone actuator is 50 shore
*Note: “1” Ground terminal not compatible with “V” insertion
L
F
T
RoHS compliant and compatible.
Tin plated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com