Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSA0M511 Fiches technique(PDF) 16 Page - C&K Components

No de pièce KSA0M511
Description  Low-profile Tact Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSA0M511 Fiches technique(HTML) 16 Page - C&K Components

Back Button KSA0M511 Datasheet HTML 12Page - C&K Components KSA0M511 Datasheet HTML 13Page - C&K Components KSA0M511 Datasheet HTML 14Page - C&K Components KSA0M511 Datasheet HTML 15Page - C&K Components KSA0M511 Datasheet HTML 16Page - C&K Components KSA0M511 Datasheet HTML 17Page - C&K Components KSA0M511 Datasheet HTML 18Page - C&K Components KSA0M511 Datasheet HTML 19Page - C&K Components KSA0M511 Datasheet HTML 20Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
B–68
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
OPTION
HEIGHT “H” or
CODE
LENGTH “L”
TERMINATION
SCHEMATIC
43
4,3 (.169)
Thru-hole
50
5,0 (.197)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
ACTUATION FORCE
ACTUATOR HEIGHT
OPTION
CODE
FORCE
L
130 grams
H
200 grams
1
2
1
2
34
PTS635 Series
3,5 mm Tact Switches
INSERTION TYPE
DIRECTION OF FEED
2,72±0,1
(0,107±0,003)
4,0
(0,157)
8
(0,315)
12
(0,472)
2
(0,079)
Ø1,5
(Ø0,59)
SMT 25
5,2±0,1
(0,205±0,003)
4,0
(0,157)
12,0
(0,472)
2,0 TYP
(0,079)
ø1,5
(ø0,59)
DIRECTION OF FEED
SMT 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com