Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT1A060AP Fiches technique(PDF) 1 Page - Rohm

No de pièce RT1A060AP
Description  1.5V Drive Pch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RT1A060AP Fiches technique(HTML) 1 Page - Rohm

  RT1A060AP Datasheet HTML 1Page - Rohm RT1A060AP Datasheet HTML 2Page - Rohm RT1A060AP Datasheet HTML 3Page - Rohm RT1A060AP Datasheet HTML 4Page - Rohm RT1A060AP Datasheet HTML 5Page - Rohm RT1A060AP Datasheet HTML 6Page - Rohm RT1A060AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
1.5V Drive Pch MOSFET
RT1A060AP
Structure
Dimensions (Unit : mm)
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) Low voltage drive (1.5V drive).
3) Small surface mount package (TSST8).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TR
Basic ordering unit (pieces)
3000
RT1A060AP
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
12
V
Gate-source voltage
VGSS
0 to
8
V
Continuous
ID
6A
Pulsed
IDP
18
A
Continuous
IS
1A
Pulsed
ISP
18
A
Power dissipation
PD
1.25
W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
100
C / W
*Mounted on a ceramic board.
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*
(1) Drain
(2) Drain
(3) Drain
(4) Gate
(5) Source
(6) Drain
(7) Drain
(8) Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
*2
*1
*1
TSST8
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)
Abbreviated symbol : SG
∗1
(8)
(7)
(1)
(2)
∗2
(6)
(5)
(3)
(4)
1/6
2011.08 - Rev.A


Numéro de pièce similaire - RT1A060AP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RT1A040ZP ROHM-RT1A040ZP Datasheet
224Kb / 6P
1.5V Drive Pch MOSFET
RT1A045AP ROHM-RT1A045AP Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
RT1A050ZP ROHM-RT1A050ZP Datasheet
220Kb / 6P
1.5V Drive Pch MOSFET
More results

Description similaire - RT1A060AP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
1.5V Drive PchPch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com