Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT1A060AP Fiches technique(PDF) 2 Page - Rohm

No de pièce RT1A060AP
Description  1.5V Drive Pch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RT1A060AP Fiches technique(HTML) 2 Page - Rohm

  RT1A060AP Datasheet HTML 1Page - Rohm RT1A060AP Datasheet HTML 2Page - Rohm RT1A060AP Datasheet HTML 3Page - Rohm RT1A060AP Datasheet HTML 4Page - Rohm RT1A060AP Datasheet HTML 5Page - Rohm RT1A060AP Datasheet HTML 6Page - Rohm RT1A060AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RT1A060AP
 
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=8V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
12
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
10
AVDS=12V, VGS=0V
Gate threshold voltage
VGS (th)
0.3
-
1.0
V
VDS=6V, ID=1mA
-14
19
ID=6A, VGS=4.5V
-17
24
ID=3A, VGS=2.5V
-22
33
ID=3A, VGS=1.8V
-27
54
ID=1.2A, VGS=1.5V
Forward transfer admittance
l Yfs l9
-
-
S
VDS=6V, ID=6A
Input capacitance
Ciss
-
7800
-
pF
VDS=6V
Output capacitance
Coss
-
900
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
850
-
pF
f=1MHz
Turn-on delay time
td(on)
-
25
-
ns
VDD 6V, ID=3A
Rise time
tr
-
100
-
ns
VGS=4.5V
Turn-off delay time
td(off)
-
580
-
ns
RL=2RG=10
Fall time
tf
-
260
-
ns
Total gate charge
Qg
-
80
-
nC VDD 6V, ID=6A
Gate-source charge
Qgs
-
12
-
nC VGS=4.5V
Gate-drain charge
Qgd
-13
-
nC
*Pulsed
Body diode characteristics (Source-Drain)
Symbol
Min.
Typ.
Max. Unit
Forward Voltage
VSD
--
1.2
V
Is=6A, VGS=0V
*Pulsed
Conditions
Conditions
m
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
2/6
2011.08 - Rev.A



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com