Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT1A060AP Fiches technique(PDF) 4 Page - Rohm

No de pièce RT1A060AP
Description  1.5V Drive Pch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RT1A060AP Fiches technique(HTML) 4 Page - Rohm

  RT1A060AP Datasheet HTML 1Page - Rohm RT1A060AP Datasheet HTML 2Page - Rohm RT1A060AP Datasheet HTML 3Page - Rohm RT1A060AP Datasheet HTML 4Page - Rohm RT1A060AP Datasheet HTML 5Page - Rohm RT1A060AP Datasheet HTML 6Page - Rohm RT1A060AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RT1A060AP
 
1
10
100
0.01
0.1
1
10
Drain Current :
-I
D [A]
Fig.7 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=-1.5V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.01
0.1
1
10
100
0.01
0.1
1
10
Drain Current :
-I
D [A]
Fig.8 Forward Transfer Admittance vs. Drain Current
V
DS=-6V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
Gate-Source Voltage :
-V
GS [V]
Fig.9 Typical Transfer Characteristics
V
DS=-6V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
Source-Drain Voltage :
-V
SD [V]
Fig.10 Source Current vs. Source-Drain Voltage
V
GS=0V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0
10
20
30
40
50
0
2
4
6
8
Gate-Source Voltage :
-V
GS [V]
Fig.11 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
I
D=-6.0A
I
D=-1.2A
T
a=25°C
pulsed
1
10
100
1000
10000
0.01
0.1
1
10
Drain Current :
-I
D [A]
Fig.12 Switching Characteristics
t
d(on)
t
r
t
d(off)
t
f
V
DD≒-6V
V
GS=-4.5V
R
G=10W
T
a=25°C
Pulsed
4/6
2011.08 - Rev.A



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com