Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8221-ASSP Fiches technique(PDF) 39 Page - ams AG

No de pièce AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Fiches technique(HTML) 39 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 33Page - ams AG AS8221-ASSP Datasheet HTML 34Page - ams AG AS8221-ASSP Datasheet HTML 35Page - ams AG AS8221-ASSP Datasheet HTML 36Page - ams AG AS8221-ASSP Datasheet HTML 37Page - ams AG AS8221-ASSP Datasheet HTML 38Page - ams AG AS8221-ASSP Datasheet HTML 39Page - ams AG AS8221-ASSP Datasheet HTML 40Page - ams AG AS8221-ASSP Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AS8221
Datasheet - Revision Hist ory
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
39 - 41
Revision History
Revision
Date
Owner
Description
1.0
Sep 01, 2009
hgl
First version
1.1
Sep 14, 2009
Made sentence corrections and converted the ‘Typ’ values of Table 3 in
to standard format. No Technical Changes to the datasheet.
1.2
May 13, 2010
Updated the ERRN Signalling Table 8. (no functional change)
Updated Ordering Information Table 13.
Package Package Drawings and Markings 11 is added
1.3
July 16, 2010
Updated Ordering Information Table 13.
1.4
Oct 30, 2010
Updated the following:
VBAT minimum voltage requirement in Electrical Characteristics, Error
Flags, Error and Status Flag Bit Order.
Nov 18, 2010
Updated Absolute Maximum Ratings on page 6, Package Drawings and
Markings on page 38.
Dec 15, 2010
Updated package body temperature under Absolute Maximum Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41