| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8221-ASSP Fiches technique(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221-ASSP Fiches technique(HTML) 32 Page - ams AG |
|
32 / 41 page ![]() AS8221 Datasheet - Appendi x www.austriamicrosystems.com/flexray/AS8221 Revision 1.4 32 - 41 IIO VIO current consumption -- State Transitions tSTBN_RxD Delay STBN high to RxD high with wake flag set -- tSTBN_RxEN Delay STBN high to RxEN high with wake flag set -- tSLEEP_INH1 Delay STBN high to INH1 high - - tSTANDBY_INH2 Delay STBN high to INH2 high - - tSLEEP GO-TO-SLEEP hold time - - Transmitter VBUS_DIFF_D0 Differential bus voltage low in NORMAL mode (Data0) uBDTxactive Absolute value of uBus while sending VBUS_DIFF_D1 Differential bus voltage high in NORMAL mode (Data1) uBDTxactive Absolute value of uBus while sending VBUS_DIFF Matching between Data0 and Data1 differential bus voltage in NORMAL mode -- VBUS_COM_D0 Common mode bus voltage in case of Data0 in non-low-power modes -- VBUS_COM_D1 Common mode bus voltage in case of Data1 in non-low-power modes -- ΔVBUS_COM Matching between Data0 and Data1 common mode voltage -- VBUS_DIFF_Idle Absolute differential bus voltage in idle mode uBDTxidle Absolute value of uBus, while Idle IBPBMShortMax IBMBPShortMax Absolute maximum current when BP is shorted to BM IBPBMShortMax IBMBPShortMax Absolute maximum output current when BP shorted to BM IBPGNDShortMax Absolute maximum current when BP is shorted to GND IBPGNDShortMax Absolute maximum output current when shorted to GND IBMGNDShortMax Absolute maximum current when BM is shorted to GND IBMGNDShortMax Absolute maximum output current when shorted to GND IBP-5VShortMax Absolute maximum current when BP is shorted to -5V IBP-5VShortMax Absolute maximum output current when shorted to -5V IBM-5VShortMax Absolute maximum current when BM is shorted to -5V IBM-5VShortMax Absolute maximum output current when shorted to -5V IBP27VShortMax Absolute maximum current when BP is shorted to 27V IBPBAT27VShortMax Absolute maximum output current when shorted to 27V IBM27VShortMax Absolute maximum current when BM is shorted to 27V IBMBAT27VShortMax Absolute maximum output current when shorted to 27V Table 12. Comparison Table AS8221 Datasheet FlexRay Electrical Physical Layer Specification V2.1 Rev. B Symbol Parameter Name Description |