Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8221-ASSP Fiches technique(PDF) 17 Page - ams AG

No de pièce AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Fiches technique(HTML) 17 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 13Page - ams AG AS8221-ASSP Datasheet HTML 14Page - ams AG AS8221-ASSP Datasheet HTML 15Page - ams AG AS8221-ASSP Datasheet HTML 16Page - ams AG AS8221-ASSP Datasheet HTML 17Page - ams AG AS8221-ASSP Datasheet HTML 18Page - ams AG AS8221-ASSP Datasheet HTML 19Page - ams AG AS8221-ASSP Datasheet HTML 20Page - ams AG AS8221-ASSP Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AS8221
Datasheet - Detailed Descr i p ti on
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
17 - 41
8.7.2 Local Wake-Up Event
In all low-power modes, if the voltage on the WAKE pin falls below VLWUTH for longer than tLWFilter, a local wake-up event is detected. At the
same time the biasing of the pin is switched to pull-down. If the voltage on the WAKE pin rises above VLWUTH for longer than tLWFilter, a local
wake-up event is detected. At the same time the biasing of the pin is switched to pull-up. The pull up and down mechanism is active in low-power
and non-low-power modes.
Figure 8. WAKE Input Pin Behavior
WAKE
RxD / RxEN
INH
tLWFilter
tLWFilter
PULL UP
PULL UP
PULL DOWN
VBAT
VBAT
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41