Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7623 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STV7623
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 15Page - STMicroelectronics STV7623 Datasheet HTML 16Page - STMicroelectronics STV7623 Datasheet HTML 17Page - STMicroelectronics STV7623 Datasheet HTML 18Page - STMicroelectronics STV7623 Datasheet HTML 19Page - STMicroelectronics STV7623 Datasheet HTML 20Page - STMicroelectronics STV7623 Datasheet HTML 21Page - STMicroelectronics STV7623 Datasheet HTML 22Page - STMicroelectronics STV7623 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
STV7623
Pad information
Doc ID 018939 Rev 1
19/27
*************************
*
*
*
PADS extraction
*
*
*
*************************
release 1.4
Mon Mar 01 18:49:21 SGT 2010
CHIP NAME:
STV7623_Top_ICPack
All dimensions are in Microns.
Pad Placement values correspond to each pad center coordinates.
Pad Placement Origin is the center of the die.
LEAD PAD NAME
PAD PLACEMENTS
PAD DIMENSIONS
X =
Y =
X =
Y =
Note: vss! == VN line
vss!
-8803.79
1251.455
73.1
73.1 (stress relief bump)
OUT<113>
-8670.0
1145.46
51.0
51.0
OUT<114>
-8602.0
1145.46
51.0
51.0
OUT<115>
-8534.0
1145.46
51.0
51.0
OUT<116>
-8466.0
1145.46
51.0
51.0
OUT<117>
-8398.0
1145.46
51.0
51.0
OUT<118>
-8330.0
1145.46
51.0
51.0
OUT<119>
-8262.0
1145.46
51.0
51.0
OUT<120>
-8194.0
1145.46
51.0
51.0
OUT<121>
-8126.0
1145.46
51.0
51.0
OUT<122>
-8058.0
1145.46
51.0
51.0
OUT<123>
-7990.0
1145.46
51.0
51.0
OUT<124>
-7922.0
1145.46
51.0
51.0
OUT<125>
-7854.0
1145.46
51.0
51.0
OUT<126>
-7786.0
1145.46
51.0
51.0
OUT<127>
-7718.0
1145.46
51.0
51.0
OUT<128>
-7650.0
1145.46
51.0
51.0
OUT<129>
-7582.0
1145.46
51.0
51.0
OUT<130>
-7514.0
1145.46
51.0
51.0
OUT<131>
-7446.0
1145.46
51.0
51.0
OUT<132>
-7378.0
1145.46
51.0
51.0
OUT<133>
-7310.0
1145.46
51.0
51.0
OUT<134>
-7242.0
1145.46
51.0
51.0
OUT<135>
-7174.0
1145.46
51.0
51.0
OUT<136>
-7106.0
1145.46
51.0
51.0
OUT<137>
-7038.0
1145.46
51.0
51.0
OUT<138>
-6970.0
1145.46
51.0
51.0
OUT<139>
-6902.0
1145.46
51.0
51.0
OUT<140>
-6834.0
1145.46
51.0
51.0
OUT<141>
-6766.0
1145.46
51.0
51.0
OUT<142>
-6698.0
1145.46
51.0
51.0
OUT<143>
-6630.0
1145.46
51.0
51.0
OUT<144>
-6562.0
1145.46
51.0
51.0
OUT<145>
-6494.0
1145.46
51.0
51.0
OUT<146>
-6426.0
1145.46
51.0
51.0
OUT<147>
-6358.0
1145.46
51.0
51.0
OUT<148>
-6290.0
1145.46
51.0
51.0
OUT<149>
-6222.0
1145.46
51.0
51.0
OUT<150>
-6154.0
1145.46
51.0
51.0
OUT<151>
-6086.0
1145.46
51.0
51.0
OUT<152>
-6018.0
1145.46
51.0
51.0
OUT<153>
-5950.0
1145.46
51.0
51.0
OUT<154>
-5882.0
1145.46
51.0
51.0
OUT<155>
-5814.0
1145.46
51.0
51.0
OUT<156>
-5746.0
1145.46
51.0
51.0
OUT<157>
-5678.0
1145.46
51.0
51.0
OUT<158>
-5610.0
1145.46
51.0
51.0
OUT<159>
-5542.0
1145.46
51.0
51.0
OUT<160>
-5474.0
1145.46
51.0
51.0
OUT<161>
-5406.0
1145.46
51.0
51.0
OUT<162>
-5338.0
1145.46
51.0
51.0
OUT<163>
-5270.0
1145.46
51.0
51.0
OUT<164>
-5202.0
1145.46
51.0
51.0
OUT<165>
-5134.0
1145.46
51.0
51.0
OUT<166>
-5066.0
1145.46
51.0
51.0
OUT<167>
-4998.0
1145.46
51.0
51.0
OUT<168>
-4930.0
1145.46
51.0
51.0
OUT<169>
-4862.0
1145.46
51.0
51.0
OUT<170>
-4794.0
1145.46
51.0
51.0
OUT<171>
-4726.0
1145.46
51.0
51.0
OUT<172>
-4658.0
1145.46
51.0
51.0
OUT<173>
-4590.0
1145.46
51.0
51.0
OUT<174>
-4522.0
1145.46
51.0
51.0
OUT<175>
-4454.0
1145.46
51.0
51.0
OUT<176>
-4386.0
1145.46
51.0
51.0
OUT<177>
-4318.0
1145.46
51.0
51.0
OUT<178>
-4250.0
1145.46
51.0
51.0
OUT<179>
-4182.0
1145.46
51.0
51.0
OUT<180>
-4114.0
1145.46
51.0
51.0
OUT<181>
-4046.0
1145.46
51.0
51.0
OUT<182>
-3978.0
1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27