| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5675K Fiches technique(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5675K Fiches technique(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 140 page ![]() AC10 ANA adc0 AN[1] — siul_GPI[24] etimer0_ETC[5] AN: adc0_AN[1] — Analog VDD_HV_ADR0 AC11 ANA adc0 AN[3] — siul_GPI[34] AN: adc0_AN[3] — Analog VDD_HV_ADR0 AC14 ANA adc0_adc1 AN[14] — siul_GPI[28] AN: adc0_adc1_AN[14] — Analog Shared VDD_HV_ADR0 END OF 473 MAPBGA PIN MULTIPLEXING TABLE NOTES: 1 Do not connect pin directly to a power supply or ground. Table 10. 473 MAPBGA pin multiplexing (continued) Ball Number Ball Type Ball Name Alternate I/O Additional Inputs Analog Inputs Weak pull during reset Pad Type Power Domain |