| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5675K Fiches technique(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5675K Fiches technique(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 140 page ![]() 2.2.4 Multiplexed pins Table 9shows the pin multiplexing for the MPC5675K in the 257 MAPBGA package. Table 10 shows the pin multiplexing for the MPC5675K in the 473 MAPBGA package. Table 9. 257 MAPBGA pin multiplexing Ball Number Ball Type Ball Name Alternate I/O Additional Inputs Analog Inputs Weak pull during reset Pad Type Power Domain A4 GPIO nexus MDO[5]1 A0: siul_GPIO[114] A1: _ A2: npc_wrapper_MDO[5] A3: _ I: _ I: _ I: _ — disabled GP Slow/ Fast VDD_HV_IO A5 GPIO nexus MDO[7]1 A0: siul_GPIO[112] A1: _ A2: npc_wrapper_MDO[7] A3: _ I: _ I: _ I: _ — disabled GP Slow/ Fast VDD_HV_IO A6 GPIO nexus MDO[9]1 A0: siul_GPIO[110] A1: _ A2: npc_wrapper_MDO[9] A3: _ I: _ I: _ I: _ — disabled GP Slow/ Fast VDD_HV_IO A7 GPIO flexray CB_TX A0: siul_GPIO[51] A1: flexray_CB_TX A2: _ A3: _ I: _ I: _ I: _ — disabled GP Slow/ Symmetric VDD_HV_IO A8 GPIO flexray CA_TR_EN A0: siul_GPIO[47] A1: flexray_CA_TR_EN A2: _ A3: _ I: ctu0_EXT_IN I: flexpwm0_EXT_SYNC I: _ — disabled GP Slow/ Symmetric VDD_HV_IO A10 GPIO fec RXD[2] A0: siul_GPIO[213] A1: _ A2: _ A3: dspi2_SOUT I: fec_RXD[2] I: _ I: siul_EIRQ[21] — disabled GP Slow/ Medium VDD_HV_IO A11 GPIO fec RX_CLK A0: siul_GPIO[209] A1: flexray_DBG2 A2: etimer2_ETC[2] A3: dspi0_CS6 I: fec_RX_CLK I: _ I: siul_EIRQ[25] — disabled GP Slow/ Medium VDD_HV_IO |